Part Number Hot Search : 
D221K KA2983 SSA150 27C040 R321142 SK520 1SMA5927 CXA1207
Product Description
Full Text Search
 

To Download EPC1005P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ethernet DC/DC Converter
ELECTRONICS INC.
EPC1005P & EPC1005P-RC
* Designed for Low Common Mode Noise * 70% Typ. Efficiency at Full Load @ Nominial Input Voltage * Add "-RC" after part number for RoHS Compliant * Input Filter to Reduce Input Ripple Current (Less than 10 mA p-p Typical) * Input/Output Isolation : 500 Vrms * Fuse Protected
Electrical Specifications
Parameters Input Voltage (for specified output) Output Voltage Output Current Output Ripple & Noise @ 20 MHz BW Input Ripple Current
Min. 7.5 -8.55 -------
Typ. 12 -9 -------
Max. 16 -9.45 250 100 10
Units Volts Volts mA mV p-p mV p-p
Package
V in4
Pin Connections
V o3
-9V PCA EPC1005P(-RC) Date Code +12V 1.290 (32.77)
White Dot Pin 1
1 .015 (.381) .530 Max. (13.46) V in+
2 V o+
.025 O (.635)
1.100 (27.94)
1 2
.110/.140 (2.79/3.56)
.790 (20.07)
4 3
.600 (15.24)
Notes : 1. Lead Finish 2. Peak Temperature Rating
(Wave Solder Process Only)
EPC1005P SnPb 260C TBD grams (Tube) TBD pieces/tube
EPC1005P-RC Hot Tin Dip (Sn) 260C TBD grams TBD pieces/tube
3. Weight 4. Packaging Information
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSC1005P & -RC Rev. F1 2/6/07 RR
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPC1005P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X